Part Number Hot Search : 
BAR60 CXA1208Q 00HSTS BAR60 LT1122D BL55080 IN3267 TC8830F
Product Description
Full Text Search
 

To Download IN74HC154N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
IN74HC154
1-of-16 Decoder/Demultiplexer
High-Performance Silicon-Gate CMOS
The IN74HC154 is identical in pinout to the LS/ALS154. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs. This device, when enabled, selects one of 16 active-low outputs. Two active-low Chip Selects are provided to facilitate the chipselect, demultiplexing, and cascading functions. When either Chip Select is high, all outputs are high. The demultiplexing function is accomplished by using the Address inputs to select the desired device output. The IN74HC154 is primarily used for memory address decoding and data routing applications. * Outputs Directly Interface to CMOS, NMOS, and TTL * Operating Voltage Range: 2.0 to 6.0 V * Low Input Current: 1.0 A * High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION IN74HC154N Plastic IN74HC154DW SOIC TA = -55 to 125 C for all packages
LOGIC DIAGRAM PIN ASSIGNMENT
PIN 24 =VCC PIN 12 = GND
176
IN74HC154
MAXIMUM RATINGS*
Symbol VCC VIN VOUT IIN IOUT ICC PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +7.0 -1.5 to VCC +1.5 -0.5 to VCC +0.5 20 25 50 750 500 -65 to +150 260
Unit V V V mA mA mA mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TA tr, tf Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) VCC =2.0 V VCC =4.5 V VCC =6.0 V Min 2.0 0 -55 0 0 0 Max 6.0 VCC +125 1000 500 400 Unit V V C ns
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
177
IN74HC154
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC Symbol Parameter Test Conditions V Guaranteed Limit 25 C to -55C 1.5 3.15 4.2 0.3 0.9 1.2 1.9 4.4 5.9 3.98 5.48 0.1 0.1 0.1 0.26 0.26 0.1 8.0 85 C 1.5 3.15 4.2 0.3 0.9 1.2 1.9 4.4 5.9 3.84 5.34 0.1 0.1 0.1 0.33 0.33 1.0 80 125 C 1.5 3.15 4.2 0.3 0.9 1.2 1.9 4.4 5.9 3.7 5.2 0.1 0.1 0.1 0.4 0.4 1.0 160 A A V Unit
VIH
Minimum High-Level Input Voltage Maximum Low Level Input Voltage Minimum High-Level Output Voltage
VOUT=0.1 V or VCC-0.1 V IOUT 20 A VOUT=0.1 V or VCC-0.1 V IOUT 20 A VIN=VIH or VIL IOUT 20 A VIN=VIH or VIL IOUT 4.0 mA IOUT 5.2 mA
2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 6.0 6.0
V
VIL
V
VOH
V
VOL
Maximum Low-Level Output Voltage
VIN=VIH or VIL IOUT 20 A VIN=VIH or VIL IOUT 4.0 mA IOUT .5.2 mA
IIN ICC
Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package)
VIN=VCC or GND VIN=VCC or GND IOUT=0A
178
IN74HC154
AC ELECTRICAL CHARACTERISTICS(CL=50pF,Input tr=tf=6.0 ns)
VCC Symbol tPLH, tPHL Parameter Maximum Propagation Delay, Input A to Output Y (Figures 1and 3) Maximum Propagation Delay , CS to Output Y (Figures 2 and 3) Maximum Output Transition Time, Any Output (Figures 2 and 3) Maximum Input Capacitance Power Dissipation Capacitance (Per Package) CPD Used to determine the no-load dynamic power consumption: PD=CPDVCC2f+ICCVCC V 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 Guaranteed Limit 25 C to -55C 190 38 32 175 35 30 75 15 13 10 85C 240 48 41 220 44 37 95 19 16 10 125C 285 57 48 265 53 45 110 22 19 10 Unit ns
tPLH, tPHL
ns
tTLH, tTHL
ns
CIN
pF
Typical @25C,VCC=5.0 V 80 pF
FUNCTION TABLE
Inputs Outputs CS1 CS2 A3 A2 A1 A0 Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8 Y9 Y10 Y11 Y12 Y13 Y14 Y15 L L L L L L L L L L L L L L L L L H L L L L L L L L L L L L L L L L H L L L L L L L L L H H H H H H H H X X L L L L H H H H L L L L H H H H X X L L H H L L H H L L H H L L H H X X X L H L H L H L H L H L H L H L H X X X L H H H H H H H H H H H H H H H H H H H L H H H H H H H H H H H H H H H H H H H L H H H H H H H H H H H H H H H H H H H L H H H H H H H H H H H H H H H H H H H L H H H H H H H H H H H H H H H H H H H L H H H H H H H H H H H H H H H H H H H L H H H H H H H H H H H H H H H H H H H L H H H H H H H H H H H H H H H H H H H L H H H H H H H H H H H H H H H H H H H L H H H H H H H H H H H H H H H H H H H L H H H H H H H H H H H H H H H H H H H L H H H H H H H H H H H H H H H H H H H L H H H H H H H H H H H H H H H H H H H L H H H H H H H H H H H H H H H H H H H L H H H H H H H H H H H H H H H H H H H L H H H
HHXX X = Don't Care
179
IN74HC154
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
Figure 3. Test Circuit
180
IN74HC154
EXPANDED LOGIC DIAGRAM
181


▲Up To Search▲   

 
Price & Availability of IN74HC154N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X